Part Number Hot Search : 
MODEL BDY58 12012 GL34J ENA0125B SPP4953A MX826J GL652USB
Product Description
Full Text Search
 

To Download AM2729-125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM2729-125
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
.REFRACTORY/ .EMI .LOW .I .OVERLAY .METAL/ .P
DESCRIPTION
GOLD METALLIZATION T TER SITE BALLASTED THERMAL RESISTANCE NPUT/OUTPUT MATCHING GEOMETRY CERAMIC HERMETIC PACKAGE OUT = 125 W MIN. WITH 7.0 dB GAIN
.400 x .500 2LFL (S038) hermetically sealed ORDER CODE AM2729-125 BRANDING 2729-125
The AM2729-125 device is a high power silicon bipolar NPN transistor specifically designed for medium pulse S-Band radar output and driver applications. This device is characterized at 50 sec pulse width and 10% duty cycle, but is capable of operation over a range of pulse widths, duty cycles and temperatures. Low RF thermal resistance, refractory/gold metallization and computerized automatic wire bonding techniques ensure high reliability and product consistency (including phase characteristics). The AM2729-125 is supplied in the BIGPACTM Hermetic Metal/Ceramic package with internal Input/Output impedance matching circuitry, and is intended for military and other high reliability applications.
PIN CONNECTION
1. Collector 2. Base
3. Emitter 4. Base
ABSOLUTE MAXIMUM RATINGS (T case = 25 C)
Symbol Parameter Value Unit
PDISS IC VCC TJ T STG
Power Dissipation* Device Current*
(TC 75C)
500 16 45 250 - 65 to +200
W A V C C
Collector-Supply Voltage* Junction Temperature (Pulsed RF Operation) Storage Temperature
THERMAL DATA RTH(j-c) Junction-Case Thermal Resistance* 0.35 C/W
*Applies only to rated RF amplifier operation
AM2729-125
ELECTRICAL SPECIFICATIONS (Tcase = 25C) STATIC
Symbo l T est Con ditio ns Value Min. Typ . Max. Un it
BVCBO BVEBO BVCES ICES hFE
IC = 50 mA IE = 10 mA IC = 50 mA VBE = 0 V VCE = 5 V
IE = 0 mA IC = 0 mA VBE = 0 V VCE = 40 V IC = 5 A
55 3.5 55 -- 30
65 4.5 65 -- 80
-- -- -- 40 300
V V V mA --
DYNAMIC
Symbo l Test Con dition s Value Min . Typ . Max. Unit
POUT c GP
Note:
f = 2700 - 2900 MHz f = 2700 - 2900 MHz f = 2700 - 2900 MHz = =
50Sec 10%
PIN = 25 W PIN = 25 W PIN = 25 W
VCC = 40 V VCC = 40 V VCC = 40 V
125 35 7.0
-- -- --
-- -- --
W % dB
Pul se Width Duty Cycle
TYPICAL PERFORMANCE
TYPICAL BROADBAND EFFICIENCY
TYPICAL BROADBAND PERFORMANCE
AM2729-125
TYPICAL PERFORMANCE (cont'd)
TYPICAL EFFICIENCY @ 2.7 GHz
TYPICAL PERFORMANCE @ 2.7 GHz
TYPICAL EFFICIENCY @ 2.8 GHz
TYPICAL PERFORMANCE @ 2.8 GHz
TYPICAL EFFICIENCY @ 2.9 GHz
TYPICAL PERFORMANCE @ 2.9 GHz
AM2729-125
IMPEDANCE DATA
ZIN L M H
ZCL H M L
FREQ. H = 2.9 GHz M = 2.8 GHz L = 2.7 GHz
Z IN () 8.8 + j 7.3 9.4 + j 8.2 9.9 + j 9.1
Z CL () 3.7 - j 2.7 4.1 - j 2.9 4.4 - j 3.2
PIN = 25 W VCC = 40 V Normalized to 50 ohms
AM2729-125
TEST CIRCUIT
All dimensions are in inches
C1 C2 C3 C4
: : : :
1000pf RF Feedthrough 0.1F, 100V Ceramic Capacitor 33pf Microwave Chip Capacitor 100F, 63V Electrolytic Capacitor
L1, L2 : #26 Wire, 2 Turns, 0.08" I.D. Board Material: Alumina, Er = 9.6, H = 25mil
AM2729-125
PACKAGE MECHANICAL DATA Ref.: Dwg. No. 12-0212 rev. A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c)1995 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. RF Products Group 141 Commerce Drive Montogomeryville, PA 18936 tel 215-361-6400 fax 215-362-1293


▲Up To Search▲   

 
Price & Availability of AM2729-125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X